PART |
Description |
Maker |
SBFP540M |
Ultrahigh-Frequency Transistors UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
|
Sanyo Semicon Device
|
PE3238 PE3238EK 3238-00 3238-21 3238-22 |
1500 MHz UltraCMOSInteger-N PLL for Low Phase Noise Applications 1500 MHz UltraCMOS Integer-N PLL for Low Phase Noise Applications 1500 MHz UltraCMOS⑩ Integer-N PLL for Low Phase Noise Applications
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
ABV0239QCL-T ABV0235 ABV0235OC ABV0235OCL ABV0235O |
750kHz - 800MHz Low Phase Noise Multiplier VCXO 750kHz - 800MHz Low Phase Noise Multiplier VCXO VCXO, CLOCK, CMOS OUTPUT 750kHz - 800MHz Low Phase Noise Multiplier VCXO VCXO, CLOCK, PECL OUTPUT 750kHz - 800MHz Low Phase Noise Multiplier VCXO VCXO, CLOCK, LVDS OUTPUT
|
ABRACON[Abracon Corporation] Abracon, Corp.
|
EL2190G EL2190G_883B EL2190J_883B EL2190L_883B EL2 |
Wideband Fast Settling Operational Amplifier (EL2190) Fast Settling Operational Amplifier
|
Elantec Semiconductor
|
GM71C4403DLJ-80 GM71C4403D-80 GM71C4403DT-70 GM71C |
MB 32C 32#20 PIN PLUG Single Output LDO, 1.0A, Fixed (5.0V), Low Noise, Fast Transient Response 6-SOT-223 -40 to 85 1,048,576 Words x Bit Organization 1,048,576字×位组织 Single Output LDO, 1.0A, Adj.(1.295 to 5.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 -40 to 85
|
LG Corp. LG, Corp.
|
LT1963EST-3.3 LT1963EST-2.5 LT1963EQ LT1963EQ-1.5 |
1.5A, low noise, fast transient response LDO regulator, 1.5V 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO4 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 From old datasheet system VOLT REGULATOR,FIXED, 3.3V,BIPOLAR,SOT-223,3PIN,PLASTIC 1.5A/ Low Noise/ Fast Transient Response LDO Regulators 1.5A, low noise, fast transient response LDO regulator, adjustable
|
Linear Technology, Corp. http:// Linear Integrated Systems Linear Technology Corp
|
AH9479 AH9479Z4-G1 AH9480M8TR-G1 AH9481Z5-G1 AH948 |
Smart Phase Low Noise Smart Motor Driver Single Phase Low Noise Smart Motor Driver Full Bridge Driver
|
Diodes BCD Semiconductor Manufacturing Limited
|
BYT16P-400 3370 BYT16 BYT16P |
FAST RECOVERY RECTIFIER DIODES From old datasheet system FAST RECOVERY RECTIFIER DIODES Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
PLL620-05 |
(PLL620-05/06/07/08/09) Low Phase Noise XO
|
PhaseLink
|
AML052PNA1711 |
Amplifiers (Low Phase Noise)
|
Microsemi
|
TFF11096HN |
Low Phase Noise LO Generator
|
Philips Semiconductors
|